Part Number Hot Search : 
MAC905 SE125N MSK5200 P3410 PSB2186 LM79L24 ADS574D SL5162
Product Description
Full Text Search
 

To Download BAS70-02V-GS18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas70-02v document number 85652 rev. 1.3, 29-jun-05 vishay semiconductors www.vishay.com 1 18554 1 2 1 2 small signal schottky diodes, single features ? these diodes feature very low turn-on voltage and fast switching.  these devices are protected by a pn junction guard ring against excessive voltage, such as electrostatic discharges.  space saving sod-523 package  lead (pb)-free component  component in accordance to rohs 2002/95/ec and weee 2002/96/ec mechanical data case: sod-523 plastic case molding compound flammability rating: ul 94 v-0 terminals: high temperature soldering guaranteed: 260 c/10 sec. at terminals weight: approx. 1.6 mg packaging codes/options: gs18 / 10 k per 13" reel (8 mm tape), 10 k/box gs08 / 3 k per 7" reel (8 mm tape), 15 k/box parts table absolute maximum ratings t amb = 25 c, unless otherwise specified thermal characteristics t amb = 25 c, unless otherwise specified part ordering code marking remarks bas70-02v BAS70-02V-GS18 or bas70-02v-gs08 x tape and reel parameter test condition symbol value unit repetitive peak reverse voltage v rrm 70 v forward continuous current t amb = 25 c i f 200 ma surge forward current t p < 1 s, t amb = 25 c i fsm 600 ma power dissipation t amb = 25 c p tot 200 mw parameter test condition symbol value unit junction soldering point r thjs 100 k/w junction temperature t j 125 c storage temperature range t s - 55 to +125 c e3
www.vishay.com 2 document number 85652 rev. 1.3, 29-jun-05 bas70-02v vishay semiconductors electrical characteristics t amb = 25 c, unless otherwise specified package dimensions in mm (inches) parameter test condition symbol min ty p. max unit reverse breakdown voltage i r = 10 a (pulsed) v (br)r 70 v leakage current v r = 50 v, t p < 300 si r 20 100 na forward voltage t p < 300 s, i f = 1.0 ma v f 410 mv t p < 300 s, i f = 15 ma v f 1000 mv diode capacitance v r = 0 v, f = 1 mhz c tot 1.5 2 pf reverse recovery time i f = 10 ma, i r = 10 ma, i rr = 1 ma, r l = 100 ? t rr 5ns 16864 iso method e 1.6 (0.062) 1.2 (0.047) 0.3 (0.012) 0.15 (0.006) 0.6 (0.023) 0.8 (0.031) 0.15 a a 0.39 (0.015) 1.35 (0.053) 0.22 (0.008) 0.16 (0.006) 0.35 (0.014) mounting pad layout
bas70-02v document number 85652 rev. 1.3, 29-jun-05 vishay semiconductors www.vishay.com 3 ozone depleting subst ances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health an d safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the cl ean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semi conductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of , directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany


▲Up To Search▲   

 
Price & Availability of BAS70-02V-GS18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X